Part Number Hot Search : 
ST921 SMAJ17 KBL407G AD7542JN KBL407G SLA6826M SST824 KBL407G
Product Description
Full Text Search
 

To Download UF5002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf5001 - uf5008 current: 5.0 a voltage range: 50 - 1000v ultra fast rectifier diodes features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified diffused junction ultra-fast switching for high efficiency high current capability and low forward voltage drop surge overload rating to 150a peak low reverse leakage current plastic material: ul flammability classification rating 94v-0 single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. f 500 1 u f 500 2 u f 500 3 u f 500 4 u f 500 5 u f 500 6 u f 500 7 f 5008 m a x i m u m r e c u rr e n t p ea k r e v e r s e v o l t a ge v rrm 50 100 200 300 400 600 800 1000 v m a x i m u m r m s v o l t a ge v r ms 35 70 140 210 280 420 560 700 v m a x i m u m dc b l o c k ing v o l t a g e v dc 50 100 200 300 400 600 800 1000 v m a x i m u m a v e r a g e f o r w a rd r e c t i f i e d c u rr e n t @t a =55 p ea k f o r w a r d s u r a g e c u rr e nt 8 . 3 m s s ingl e h a l f s in e - w a ve s up e r i m p o s e d o n r a t e d l oa d ( j e d e c m e t h o d) p ea k f o r w a r d v o l t a g e a t 5 . 0 a dc v f 1 .3 v m a x i m u m dc r e v e r s e c u rr e n t @t j =25 a t r a t e d dc b l o c k ing v o l t a g e @t j =100 m a x i m u m r e v e r s e r e c o v e r y t i m e ( n o t e 1) t rr ns t y pi c a l j un c t i o n c a p a c i t a n c e ( n o t e 2 ) c j pf t y pi c a l t h e r m a l r e s i s t a n c e ( n o t e 3 ) r ja /w o p e r a t ing t e m p e r a t u r e r a nge t j s t o r a g e t e m p e r a t u r e r a ng e t s tg 200 5 .0 - 50 t o +150 50 75 75 50 1 .0 3 . t h e r m a l r e s i s t a n c e jun c t i o n t o a m bi e nt n o t es : 1 . m ea s u r e d w i t h i f =0 . 5a i r =1 a i rr =0 . 25a 5 .0 20 - 50 t o +125 a i ( av) 100 i r ua a i f sm 1 .7 2 . m ea s u r e d a t 1 . 0 m h z a nd a ppli e d r e v e r s e v o l t a g e o f 4 . 0 v dc characteristic symbol u u ! ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 1.2 grams (approx.) ! mounting position: any ! marking: type number case: do-201ad, molded plastic mechanical data ! ! ! ! ! ! do-201ad dim min max a 25.40  b 7.20 9.50 c 1.20 1.30 d 4.80 5.30 all dimensions in mm a a b c d unit 1 of 2 www.sunmate.tw
0 .1 1 .0 0 . 01 10 40 60 80 100 120 140 20 1000 100 t j = 150 c t j = 100 c t j = 25 c f l g . 2 C t y p i c a l r eve r se ch a r a c t e r i s t i cs i n s t a n t a n e o u s r e v e s e c u r r e n t , ( a ) pe rc e n t o f r a t e d peak r eve r se v o l t a g e , ( %) fi g . 4 C m a x i m u m n o n - r epe t i t i ve f o r w a rd s ur g e curr e nt nu m be r o f c y c l es a t 60 hz p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 8 . 3 m s s i n g l e h a l f- s i n e - w ave ( j e d e c m e t h o d) 200 150 10 0 1000 100 1 10 r eve r se v o l t a g e , (v) c a p a c i t a n c e , ( p f ) fi g . 5 C t y p i c a l j unc t i o n c apa c i t a nce 0 .1 200 10 1 .0 10 100 1 1000 100 u f 5001 - u f 5005 u f 5006 - u f 5008 t j = 25 c 0 .1 1 .0 0 . 01 10 0 .8 1 .0 1 .2 1 .4 1 .6 1 .8 0 .2 100 0 .6 0 .4 fi g . 3 - t y p i c a l i n t a n t a n e o u s f o r w a rd ch a r a c t e r i cs i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a rd v o l t a g e , (v) u f 5005 u f 5001 - u f 5004 u f 5006 - u f 5008 t j = 25 c p u l se w i d t h 300us 1 % du t y c y c le fi g . 1 C t y p i c a l f o r w a rd curr e n t d e r a t i n g cur ve a m b i e n t t e m pe r a t ur e ( ) a v e r a g e f o r w a r d c u r r e n t a m p e r e s 1 .0 0 25 4 .0 6 .0 50 75 100 125 150 175 2 .0 3 .0 5 .0 0 s i n g l e p h ase h a l f w ave 60 hz r es i s t i ve or i nduc t i ve l o ad 2 of 2 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of UF5002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X